Part Number Hot Search : 
EVX12340 SVC251 CD5151CP 5D102 70475 ISL55141 IRLZ34 IDT74A
Product Description
Full Text Search
 

To Download RP03-4815SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

4:1 Wide Input Voltage Range 3 Watts Regulated Output Power 1.6kVDC Isolation Over Current Protection Continuous Low Profile, 10.2 mm Height No other Components required Five-Sided EMI Shield International Safety Standard Approvals Standard DIP24 and SMD-Pinning 2 Year Warranty No Derating to 71C UL 1950 Component Recognized Efficiency to 78%
POWERLINE
DC/DC-Converter
RP03S_DD Series
3 Watt DIP24 & SMD, Single & Dual Output
Selection Guide 12V, 24V and 48V Input Types
Part Number DIP24 (SMD) RP03-2405SD** RP03-2412SD** RP03-2415SD** RP03-4805SD** RP03-4812SD** RP03-4815SD** RP03-2405DD** RP03-2412DD** RP03-2415DD** RP03-4805DD** RP03-4812DD** RP03-4815DD** Input Range VDC 9-36 9-36 9-36 18-75 18-75 18-75 9-36 9-36 9-36 18-75 18-75 18-75 Output Voltage VDC 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 500 250 200 500 250 200 250 125 100 250 125 100 Input (4) Efficiency(5) Current mA % 147 169 169 74 85 86 149 172 172 75 86 85 75 78 78 75 78 77 74 77 77 74 77 78 Capacitive(6) Load max. F 1000 170 110 1000 170 110 550 96 47 550 96 47
** add Suffix SMD for SMD package
Description
The D-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. They also meet UL 1950 and CSA 950 standards (10).
178
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP03-S_DD Series
RP03-4805SD/M1
125 100
Derating-Graph (Ambient Temperature)
RP03-4805SD
125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 75 Ambient Temperature Range (C) 0 -25 -10 0
Output Power (%)
Natural Convection
75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 85 Ambient Temperature Range (C)
Natural Convection
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range Input Filter Input Surge Voltage (100 ms max.) Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 8) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Single Dual DC-DC ON DC-DC OFF Nominal input 24V Input 48V Input 24V nominal input 48V nominal input 9-36VDC 18-75VDC Pi Type 50VDC 100VDC 20mAp-p 350ms typ. Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 2.5mA 3W max. 2% 10% of FL 0.2% 0.2% 1% 5% 50mVp-p 0.02%/C, max. 200S 180% typ Continuous, automatic recovery continued on next page April-2005
www.recom-international.com
179
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Efficiency Isolation Voltage In to out I/O to case I/O to case
RP03-S_DD Series
see Selection Guide" table 1.600VDC min. DIP type 1.600VDC min. SMD type 1.000VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Standard M1 (see note 3) -25C to +85C (with derating) -40C to +85C (non-derating) +100C -55C to +105C Natural convection 20C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 DIP SMD DIP SMD Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 16g 18g 31.8 x 20.3 x 10.2mm 32.0 x 20.3 x 10.9mm 2.941 x 106 Hours
Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
Notes :
1. The RP03 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. Start up voltage : 10VDC 8. The ON/OFF control pin voltage is referenced to negative inpit. 9. See application notes for EMI-filtering. 10. The M1 version (RP03-xxxxSD-M1 / RP03-xxxxDD-M1) do not carry the UL certification.
180
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
DIP24 Package Style
RP03-S_DD Series
3rd angle projection 20.30
31.80
10.20 3.8 2 10.16 22.90 2.54 15.20
Pin Connections Pin # Single Dual 1 +Vin +Vin 2 +Vin +Vin 10 NC Common 11 NC Common 12 -Vout NC 13 +Vout -Vout 15 NC +Vout 20 Ctrl Ctrl 23 -Vin -Vin 24 -Vin -Vin NC = No Connection Ctrl = Remote On/Off Control
0.25 x 0.50 Rectangular Pin 12 Bottom View 24 23 20 15 13 10 11 12
Pin Pitch Tolerance 0.35 mm
SMD Package Style
32.00 31.40 11.20 10.90 3.81 6.35
20.30
SMD Package Style
Same spec. as the original DIP spec. and pin definition, excl. of the SMD type pin.
2.54
21.30 25.40
Pin Connections Pin # Single Dual 1 +Vin +Vin 2 +Vin +Vin 10 NC Common 11 NC Common 12 -Vout NC 13 +Vout -Vout 15 NC +Vout 20 Ctrl Ctrl 23 -Vin -Vin 24 -Vin -Vin Others NC NC NC = No Connection Ctrl = Remote On/Off Control
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.60 2.40
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.54 24.14
1
Top View
11 x 2.54
27.94
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
April-2005
181


▲Up To Search▲   

 
Price & Availability of RP03-4815SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X